Part Number Hot Search : 
1SS35 66TQC LC510 BT817A SMCJNNCA 2SK80 M50V6 GT50J327
Product Description
Full Text Search
 

To Download APHS1005CGCK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.0X0.5mm SMD CHIP LED LAMP
APHS1005CGCK
GREEN
Features
1.0mmX0.5mm SMT LED, 0.5mm THICKNESS. LOW POWER CONSUMPTION. W IDE VIEW ING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE: 2000PCS / REEL . RoHS COMPLIANT.
Description
The Green source color devices are made with InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice.
SPEC NO: DSAB6148 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/14/2004 DRAWN: B.H.LI
PAGE: 1 OF 4 ERP: 1203002469
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. APHS1005CGCK GREEN (InGaAIP) WATER CLEAR 10 Typ. 40 Viewing Angle 21/2 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 574 570 20 15 2.1 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Green 105 30 150 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAB6148 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/14/2004 DRAWN: B.H.LI
PAGE: 2 OF 4 ERP: 1203002469
Green
APHS1005CGCK
SPEC NO: DSAB6148 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/14/2004 DRAWN: B.H.LI
PAGE: 3 OF 4 ERP: 1203002469
APHS1005CGCK
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAB6148 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/14/2004 DRAWN: B.H.LI
PAGE: 4 OF 4 ERP: 1203002469


▲Up To Search▲   

 
Price & Availability of APHS1005CGCK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X